PART |
Description |
Maker |
M7040N-083ZA1T M7040N-066ZA1T |
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
|
ST Microelectronics
|
PSD4000 |
32 KBIT X 68 BIT ENTRY NETWORK SEARCH ENGINE
|
STMicroelectronics
|
75P52100 IDT75P52100 |
64K x72 Network Search Engine Network Search Engines (NSE) with High Performance Interface
|
IDT
|
IDT71T016SA15BFI IDT71T016SA10PH IDT71T016SA10PHI |
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 10 ns, PDSO44 2.5V CMOS Static RAM 1 Meg (64K x 16-Bit) .5V的CMOS静态RAM 1梅格4K的x 16位) P-Channel NexFET Power MOSFET 6-SON -55 to 150 64K X 16 STANDARD SRAM, 12 ns, PBGA48
|
Integrated Device Technology, Inc.
|
AT90CAN3207 |
8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller 82K/64K/128K的ISP闪存和微控制器的CAN字节
|
Atmel, Corp.
|
IDT71V016 IDT71V016SA IDT71V016SA10BF8 IDT71V016SA |
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PBGA48 High-Performance Current-Mode PWM Controller 14-SOIC -40 to 85 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 TOOLS,SCREWDRIVERS,TORX,BALLDRIVER T-HANDLE SET,10-PC.INCH SIZES 3/32-3/8" AND STAND,HAND TOOLS,BALLDRIVER® T-HANDLE SETS ,BONDHUS 3.3V 64K x 16 Static RAM
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
CTX8-1A-R CTX0.47-1-R CTX0.47-2-R CTX0.47-2P-R CTX |
ECONO-PAC?OCTA-PAC? OCTA-PAC? PLUS Power Inductors and Transformers Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings 2 ELEMENT, 0.284 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 0.6 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
CAT24WC32XE-1.8TE13D CAT24WC64GWATE13B CAT24WC32PE |
32K/64K-Bit I2C Serial CMOS EEPROM 32K/64K-Bit I2C串行CMOS EEPROM
|
TE Connectivity, Ltd. Glenair, Inc. Austin Semiconductor, Inc Micron Technology, Inc. M.S. Kennedy, Corp. AND Displays / Purdy Electronics
|
GS820H32AQ-138I GS820H32AQ-6I GS820H32AQ-4I GS820H |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 11 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9.7 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 66MHz 18ns 64K x 32 2M synchronous burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
VP15/15 VP10 |
(VP Series) DC/DC Converters V-Pac and S-Pac Series
|
Reliability
|
CS422YTA CSC11B011K00FPA CSC06B01390RGPA CSC09A011 |
CS Ceramic Sandwich, Single-In-Line Thin Film Resistor, Through Hole Network (Low Profile 0.20 Custom) Array/Network Resistor, RES NET,THICK FILM,1K OHMS,100WV,1% /-TOL,-100,100PPM TC Array/Network Resistor, RESISTOR, NETWORK, FILM, BUSSED, 1 W, THROUGH HOLE MOUNT, SIP Array/Network Resistor, RESISTOR, NETWORK, FILM, BUSSED, 1.12 W, THROUGH HOLE MOUNT, SIP Array/Network Resistor, RESISTOR, NETWORK, FILM, BUSSED, 0.87 W, THROUGH HOLE MOUNT, SIP
|
Vishay Dale
|
|